PART |
Description |
Maker |
MAX8709B MAX8709BETI |
High-Efficiency CCFL Backlight Controller with SMBus Interface
|
NXP Semiconductors Maxim Integrated Products
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
RUR-D820 RUR-D815 RUR-D810 |
Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 200 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 150 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 100 V.
|
General Electric Solid State
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
MAX8743EEI-T |
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
|
MAXIM INTEGRATED PRODUCTS INC
|
AWT6112 |
The AWT6112 is a high power, high efficiency amplifier module for dual mode AMPS/CDMA wireless handset applications.
|
Anadigics Inc
|